Part Number Hot Search : 
Z5238 TIP125 TLP115 LA17000M CY7B99 CY7B99 74LCX16 L3223
Product Description
Full Text Search
 

To Download 222236865334 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 28132 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 21-nov-05 1 mkt 368 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type applications blocking and coupling. bypass and energy reservoir marking c-value; tolerance; rated voltage dielectric polyester film electrodes vacuum deposited aluminium features available taped on reel and loose in box lead (pb)-free product rohs-compliant product coating flame retardant epoxy material (ul-class 94 v-0) construction wound mono construction leads tinned wire capacitance range (e12 series) 0.001 to 1.0 ? capacitance tolerance 10 %; 5 % rated (dc) voltage 63 v; 100 v; 250 v; 400 v; 630 v rated (ac) voltage 40 v; 63 v; 160 v; 220 v; 250 v climatic category 55/105/56 rated temperature 85 c maximum application temperature 105 c reference specifications iec 60384-2 performance grade grade 1 (long life) detail specification for more detailed data and test requirements see ?type detail specification hqn-384-02/101? 168x12(halfpage) seating plane (1) l d t p h l t a w (2) dimensions in mm (1) hole ? 1.0 for d t = 0.6 mm hole ? 1.3 for d t = 0.8 mm (2) 0 ?< 50 (3) a = 2.0 + 1.0/ ? 0.5 mm (pitch = 10.0 mm) a = 2.5 + 1.4/ ? 0.5 mm (pitch = 15.0 mm, 22.5 mm and 27.5 mm) 16 8 x12(halfpage) 1 6 8 x 1 2 ( h a l f p a g e ) l t h l w d t > 0.5 1.6 do ub le conical hole p a a magnified v ie w direction a ? ? 15 dimensions in mm e3 rohs compliant
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28132 2 revision: 21-nov-05 mkt 368 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type composition of catalog number specific reference data description value tangent of loss angle: at 1 khz at 10 khz at 100 khz c 0.1 f 75 10 ? 4 130 10 ? 4 225 10 ? 4 0.1 f < c 0.47 ? 75 10 ? 4 130 10 ? 4 300 10 ? 4 0.47 ? < c 1.0 f 75 10 ? 4 130 10 ? 4 ? rated voltage pulse slope (du/dt) r at 63 v (dc) at 100 v (dc) at 250 v (dc) at 400 v (dc) at 630 v (dc) p = 10 mm 30 v/? 30 v/? 70 v/? 110 v/? 70 v/? p = 15 mm 20 v/? 28 v/? 44 v/? 70 v/? p = 22.5 mm 8 v/? 12 v/? 20 v/? 28 v/? p = 27.5 mm 7 v/? 10 v/? 16 v/? 24 v/? r between leads, for c 0.33 f: at 10 v; 1 minute > 15000 m ? at 100 v; 1 minute > 15000 m ?> 30000 m ?> 30000 m ? at 500 v; 1 minute > 30000 m ? rc between leads, for c > 0.33 ?: at 10 v; 1 minute > 5000 s at 100 v; 1 minute > 5000 s > 10000 s > 10000 s at 500 v; 1 minute > 10000 s r between interconnecting leads and casing; at 10 v; 1 minute > 30000 m ? at 100 v; 1 minute > 30000 m ?> 30000 m ?> 30000 m ? at 500 v; 1 minute > 30000 m ? withstanding (dc) voltage (cut off current 10 ma); rise time 100 v/s 100 v; 1 minute 160 v; 1 minute 400 v; 1 minute 640 v; 1 minute 1008 v; 1 minute withstanding (dc) voltage between leads and case 200 v; 1 minute 200 v; 1 minute 500 v; 1 minute 800 v; 1 minute 1260 v; 1 minute 2222 368 xx xx x bfc2* 368 xx xx x type packaging lead configuration on request c-tol 63 v 100 v 250 v 400 v 630 v 368 loose in box lead length 4.0 + 1.0/ ? 0.5 mm 10 %1525455565 5 %1626465666 lead length 4.0 + 1.0/ ? 0.5 mm (lock lead) 10 % - 90 90 90 90 dimensions of this code numbers stays between brackets lead length 3.5 0.5 mm 10 %1323435363 5 %1727475767 long leads: 19.0 4.0 mm for lead pitch = 15.0 mm 25.0 4.0 mm for lead pitch = 22.5 mm 24.0 4.0 mm for lead pitch = 27.5 mm 10 %1121415161 5 %1222425262 taped on reel h = 16.0 mm; p 0 = 12.7 mm; reel diameter = 500 mm 10 %1828485868 5 %1929495969 type and pitches 368 10.0 mm 15.0 mm 22.5 mm 27.5 mm multiplier (nf) 0.1 2 1 3 10 4 100 5 capacitance (numerically) example: 104 = 10 x 10 = 100 nf * use this partnumber for those with access to the vishays sap system and partners web- site within the americas
document number: 28132 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 21-nov-05 3 mkt 368 metallized polyester film capacitors mkt radial epoxy lacquered type vishay bccomponents u rdc = 63 v; u rac = 40 v u rdc = 100 v; u rac = 63 v c (f) dimensions w max h max l max (mm) mass (g) catalog number 2222 368 ..... and packaging loose in box reel loose in box l t = 4.0 + 1.0 /? 0.5 mm short leads long leads l t = 4.0 + 1.0 /? 0.5 mm c-tol = 10 % c-tol = 10 % last 5 digits of catalog number spq spq spq last 5 digits of catalog number spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm lock lead 0.22 4.2 13.2 (15.5) 12.5 0.5 15224 2000 1000 1300 90316 1100 0.27 4.0 12.8 (15.5) 12.5 0.5 15274 2000 1000 1300 90317 1100 0.33 4.3 13.1 (15.5) 12.5 0.5 15334 2000 1000 1300 90318 1100 0.39 4.2 12.9 (15.5) 12.5 0.5 15394 2000 1000 1300 90319 1100 0.47 4.3 13.4 (16.0) 12.5 0.5 15474 2000 1000 1200 90321 1000 0.56 4.7 13.7 (16.0) 12.5 0.5 15564 2000 1000 1200 90322 1000 0.68 5.1 14.1 (16.5) 12.5 0.6 15684 2000 1000 1100 90323 1500 0.82 5.5 14.5 (17.0) 12.5 0.6 15824 2000 1000 1000 90324 1250 16.0 15.0 (17.5) 12.5 0.8 15105 2000 1000 900 90325 1250 c (f) dimensions w max h max l max (mm) mass (g) catalog number 2222 368 ..... and packaging loose in box reel loose in box l t = 4.0 + 1.0 /? 0.5 mm short leads long leads l t = 4.0 + 1.0 /? 0.5 mm c-tol = 10 % c-tol = 10 % last 5 digits of catalog number spq spq spq last 5 digits of catalog number spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm lock lead 0.056 4.0 13.0 (15.0) 12.5 0.4 25563 2000 1000 1500 90205 1250 0.068 25683 90206 0.082 3.7 12.7 (15.0) 12.5 0.4 25823 2000 1000 1500 90207 1250 0.1 4.0 13.0 (15.0) 12.5 0.4 25104 2000 1000 1500 90208 1250 0.12 4.3 13.3 (15.0) 12.5 0.4 25124 2000 1000 1500 90209 1250 0.15 3.9 12.9 (15.0) 12.5 0.4 25154 2000 1000 1500 90211 1250 0.18 4.2 13.2 (15.5) 12.5 0.5 25184 2000 1000 1300 90212 1100 0.22 4.5 13.6 (16.0) 12.5 0.5 25224 2000 1000 1200 90213 1000 pitch = 15.0 0.4 mm; d t = 0.80 0.08 mm lock lead 0.27 5.0 14.0 (17.0) 17.5 0.6 25274 2000 1000 1200 90214 1750 0.33 25334 90215 0.39 25394 90216 0.47 5.5 14.5 (17.5) 17.5 0.7 25474 2000 1000 1100 90217 1500 0.56 25564 90218 0.68 6.0 15.0 (18.0) 17.5 0.9 25684 2000 1000 1000 90219 1500 0.82 6.5 15.5 (18.5) 17.5 1.0 25824 1000 1000 900 90221 1250 17.5 16.5 (19.5) 17.5 1.3 25105 1000 1000 800 90222 1000
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28132 4 revision: 21-nov-05 mkt 368 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type u rdc = 250 v; u rac = 160 v pitch = 22.5 0.4 mm; d t = 0.80 0.08 mm lock lead 1.2 6.0 18.0 (21.0) 26.0 2.5 25125 1000 1000 650 90223 1000 1.5 25155 90224 1.8 7.0 19.0 (22.0) 26.0 3.2 25185 1000 1000 650 90225 900 2.2 7.5 19.5 (23.0) 26.0 3.5 25225 1000 500 600 90226 750 2.7 8.5 21.5 (24.0) 26.0 4.1 25275 1000 500 500 90227 600 3.3 9.0 22.0 (24.5) 26.0 4.5 25335 1000 500 450 90228 600 pitch = 27.5 0.4 mm; d t = 0.80 0.08 mm lock lead 3.9 9.0 22.0 (24.0) 30.0 4.8 25395 500 500 90229 500 4.7 10.0 23.0 (25.0) 30.0 5.5 25475 500 500 90178 400 5.6 11.0 24.0 (26.0) 30.0 6.2 25565 500 250 90231 350 6.8 12.0 25.0 (27.0) 30.0 6.8 25685 500 250 90232 350 c (f) dimensions w max h max l max (mm) mass (g) catalog number 2222 368 ..... and packaging loose in box reel loose in box l t = 4.0 + 1.0 /? 0.5 mm short leads long leads l t = 4.0 + 1.0 /? 0.5 mm c-tol = 10 % c-tol = 10 % last 5 digits of catalog number spq spq spq last 5 digits of catalog number spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm lock lead 0.027 4.2 13.0 (15.0) 12.5 0.4 45273 2000 1000 1500 90233 1250 0.033 4.6 13.0 (15.0) 12.5 0.5 45333 2000 1000 1300 90234 1250 0.039 4.0 13.0 (15.0) 12.5 0.4 45393 2000 1000 1500 90235 1250 0.047 4.5 13.5 (15.5) 12.5 0.5 45473 2000 1000 1500 90176 1250 0.056 4.6 13.5 (15.5) 12.5 0.5 45563 2000 1000 1300 90236 1100 0.068 45683 90237 0.082 4.4 13.4 (16.0) 12.5 0.5 45823 2000 1000 1200 90238 1000 0.1 4.7 13.7 (16.0) 12.5 0.5 45104 2000 1000 1200 90177 1000 pitch = 15.0 0.4 mm; d t = 0.80 0.08 mm lock lead 0.12 5.0 14.0 (17.0) 17.5 0.6 45124 2000 1000 1200 90239 1750 0.15 45154 90241 0.18 5.5 14.5 (17.5) 17.5 0.7 45184 2000 1000 1100 90242 1500 0.22 6.0 15.0 (18.0) 17.5 0.9 45224 2000 1000 1000 90243 1500 0.27 6.0 15.5 (18.5) 17.5 1.0 45274 2000 1000 900 90244 1250 0.33 6.8 16.0 (19.0) 17.5 1.2 45334 1000 1000 800 90245 1250 pitch = 22.5 0.4 mm; d t = 0.80 0.08 mm lock lead 0.39 5.0 17.0 (20.0) 26.0 1.8 45394 1000 1000 800 90246 1250 0.47 5.5 17.5 (20.5) 26.0 2.2 45474 1000 1000 750 90247 1250 0.56 6.0 18.0 (21.0) 26.0 2.5 45564 1000 1000 650 90248 1000 0.68 6.6 18.5 (21.5) 26.0 2.8 45684 1000 1000 600 90249 1000 0.82 7.2 19.0 (22.0) 26.0 3.2 45824 1000 1000 550 90251 900 18.0 20.0 (23.0) 26.0 3.8 45105 1000 500 500 90252 750 c (f) dimensions w max h max l max (mm) mass (g) catalog number 2222 368 ..... and packaging loose in box reel loose in box l t = 4.0 + 1.0 /? 0.5 mm short leads long leads l t = 4.0 + 1.0 /? 0.5 mm c-tol = 10 % c-tol = 10 % last 5 digits of catalog number spq spq spq last 5 digits of catalog number spq
document number: 28132 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 21-nov-05 5 mkt 368 metallized polyester film capacitors mkt radial epoxy lacquered type vishay bccomponents u rdc = 400 v; u rac = 220 v pitch = 27.5 0.4 mm; d t = 0.80 0.08 mm lock lead 1.2 8.0 21.0 (23.0) 30.0 4.1 45125 500 500 90253 600 1.5 9.0 22.0 (25.0) 30.0 4.8 45155 500 500 90254 450 1.8 10.0 23.0 (26.0) 30.0 5.5 45185 500 500 90255 400 2.2 11.0 24.0 (27.0) 30.0 6.2 45225 500 250 90256 350 c (f) dimensions w max h max l max (mm) mass (g) catalog number 2222 368 ..... and packaging loose in box reel loose in box l t = 4.0 + 1.0 /? 0.5 mm short leads long leads l t = 4.0 + 1.0 /? 0.5 mm c-tol = 10 % c-tol = 10 % last 5 digits of catalog number spq spq spq last 5 digits of catalog number spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm lock lead 0.001 4.5 13.5 (15.5) 12.5 0.5 55102 2000 1000 1500 90257 1100 0.0012 55122 90258 0.0015 55152 90259 0.0018 55182 90261 0.0022 4.0 13.0 (15.5) 12.5 0.5 55222 2000 1000 1500 90262 1100 0.0027 4.3 13.3 (15.5) 12.5 0.5 55272 2000 1000 1500 90263 1100 0.0033 4.6 13.6 (15.5) 12.5 0.5 55332 2000 1000 1500 90264 1100 0.0039 4.0 13.0 (15.5) 12.5 0.5 55392 2000 1000 1500 90265 1100 0.0047 4.1 13.2 (15.5) 12.5 0.5 55472 2000 1000 1500 90266 1100 0.0056 4.6 13.6 (15.5) 12.5 0.5 55562 2000 1000 1500 90267 1100 0.0068 55682 90268 0.0082 55822 90269 0.01 55103 90271 0.012 4.0 13.0 (15.5) 12.5 0.5 55123 2000 1000 1500 90272 1100 0.015 4.1 13.0 (15.5) 12.5 0.5 55153 2000 1000 1300 90273 1100 0.018 4.4 13.0 (15.5) 12.5 0.5 55183 2000 1000 1500 90274 1100 0.022 4.2 12.9 (15.5) 12.5 0.5 55223 2000 1000 1500 90175 1100 0.027 4.2 13.2 (15.5) 12.5 0.5 55273 2000 1000 1300 90275 1100 0.033 4.6 13.7 (15.5) 12.5 0.5 55333 2000 1000 1300 90188 1100 pitch = 15.0 0.4 mm; d t = 0.80 0.08 mm lock lead 0.039 5.0 13.9 (16.5) 17.5 0.6 55393 2000 1000 1200 90276 2000 0.047 5.4 14.5 (17.0) 17.5 0.7 55473 2000 1000 1200 90277 1750 0.056 5.0 13.7 (16.5) 17.5 0.6 55563 2000 1000 1200 90278 2000 0.068 5.0 13.5 (16.5) 17.5 0.6 55683 2000 1000 1200 90279 2000 0.082 4.8 14.0 (16.5) 17.5 0.6 55823 2000 1000 1100 90281 2000 0.1 5.3 14.5 (17.5) 17.5 0.7 55104 2000 1000 1000 90186 1500 0.12 5.7 15.0 (18.0) 17.5 0.9 55124 1000 1000 900 90282 1500 0.15 6.4 15.5 (18.5) 17.5 1.0 55154 1000 1000 800 90187 1250 c (f) dimensions w max h max l max (mm) mass (g) catalog number 2222 368 ..... and packaging loose in box reel loose in box l t = 4.0 + 1.0 /? 0.5 mm short leads long leads l t = 4.0 + 1.0 /? 0.5 mm c-tol = 10 % c-tol = 10 % last 5 digits of catalog number spq spq spq last 5 digits of catalog number spq
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28132 6 revision: 21-nov-05 mkt 368 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type u rdc = 630 v; u rac = 250 v pitch = 22.5 0.4 mm; d t = 0.80 0.08 mm lock lead 0.18 5.6 17.5 (20.5) 26.0 2.2 55184 1000 1000 800 90283 1250 0.22 6.3 18.5 (21.5) 26.0 2.8 55224 1000 1000 650 90284 1000 0.27 6.0 18.0 (21.0) 26.0 2.5 55274 1000 1000 650 90285 1000 0.33 6.4 18.5 (21.5) 26.0 2.8 55334 1000 1000 650 90286 1000 0.39 7.1 19.0 (21.5) 26.0 2.8 55394 1000 1000 550 90287 900 0.47 8.0 20.0 (22.5) 26.0 3.8 55474 1000 500 500 90179 750 pitch = 27.5 0.4 mm; d t = 0.80 0.08 mm lock lead 0.56 7.5 20.5 (22.5) 30.0 3.8 55564 500 500 90288 600 0.68 8.5 21.5 (23.5) 30.0 4.5 55684 500 500 90289 500 0.82 9.5 22.5 (24.5) 30.0 5.2 55824 500 500 90291 450 1 10.5 23.5 (26.5) 30.0 5.8 55105 500 250 90292 350 c (f) dimensions w max h max l max (mm) mass (g) catalog number 2222 368 ..... and packaging loose in box reel loose in box l t = 4.0 + 1.0 /? 0.5 mm short leads long leads l t = 4.0 + 1.0 /? 0.5 mm c-tol = 10 % c-tol = 10 % last 5 digits of catalog number spq spq spq last 5 digits of catalog number spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm lock lead 0.01 4.3 13.1 (15.5) 12.5 0.5 65103 2000 1000 1300 90293 1100 0.012 4.6 13.4 (16.0) 12.5 0.5 65123 2000 1000 1200 90294 1000 0.015 4.9 13.9 (16.5) 12.5 0.6 65153 2000 1000 1100 90295 1500 0.018 5.3 14.3 (17.0) 12.5 0.6 65183 2000 1000 1000 90296 1250 0.022 5.9 14.9 (17.5) 12.5 0.8 65223 2000 1000 900 90297 1250 pitch = 15.0 0.4 mm; d t = 0.80 0.08 mm lock lead 0.027 5.5 14.5 (17.5) 17.5 0.7 65273 2000 1000 1100 90298 1500 0.033 6.0 15.0 (18.0) 17.5 0.9 65333 2000 1000 1000 90299 1500 0.039 6.3 15.5 (18.5) 17.5 1.0 65393 2000 1000 900 90301 1250 0.047 7.0 16.0 (19.0) 17.5 1.2 65473 2000 1000 800 90302 1250 0.056 7.5 16.5 (19.5) 17.5 1.3 65563 1000 1000 800 90303 1000 0.068 8.0 17.0 (20.0) 17.5 1.4 65683 1000 1000 750 90304 1000 pitch = 22.5 0.4 mm; d t = 0.80 0.08 mm lock lead 0.082 6.1 18.0 (21.0) 26.0 2.5 65823 1000 1000 750 90305 1000 0.1 7.0 19.0 (22.0) 26.0 3.2 65104 1000 1000 650 90306 900 0.12 7.2 19.5 (22.5) 26.0 3.5 65124 1000 1000 550 90307 750 0.15 8.0 21.0 (23.0) 26.0 3.8 65154 1000 500 500 90308 750 0.18 9.0 22.0 (24.0) 26.0 4.5 65184 1000 500 450 90309 600 0.22 10.0 23.0 (25.0) 26.0 5.2 65224 1000 500 400 90311 550 c (f) dimensions w max h max l max (mm) mass (g) catalog number 2222 368 ..... and packaging loose in box reel loose in box l t = 4.0 + 1.0 /? 0.5 mm short leads long leads l t = 4.0 + 1.0 /? 0.5 mm c-tol = 10 % c-tol = 10 % last 5 digits of catalog number spq spq spq last 5 digits of catalog number spq
document number: 28132 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 21-nov-05 7 mkt 368 metallized polyester film capacitors mkt radial epoxy lacquered type vishay bccomponents pitch = 27.5 0.4 mm; d t = 0.80 0.08 mm lock lead 0.27 10.0 23.0 (25.0) 30.0 5.5 65274 500 500 90312 400 0.33 11.5 24.5 (26.5) 30.0 6.5 65334 500 250 90313 350 0.39 12.5 25.5 (28.5) 30.0 7.1 65394 500 250 90314 300 0.47 14.0 27.0 (30.0) 30.0 8.2 65474 250 250 90315 250 c (f) dimensions w max h max l max (mm) mass (g) catalog number 2222 368 ..... and packaging loose in box reel loose in box l t = 4.0 + 1.0 /? 0.5 mm short leads long leads l t = 4.0 + 1.0 /? 0.5 mm c-tol = 10 % c-tol = 10 % last 5 digits of catalog number spq spq spq last 5 digits of catalog number spq capacitance f (hz) 10 2 10 3 10 4 10 5 ? c/c (%) 2 0 -1 -2 -3 1 typical 1 khz -60 ? c/c (%) 6 2 0 -2 -4 -6 4 -20 20 60 100 tamb ( c) min. max. impedance 63 v ; 1 f impedance () 10 3 10 1 10 -2 10 0 f (hz) 10 5 10 3 10 4 10 6 10 7 10 -1
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28132 8 revision: 21-nov-05 mkt 368 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type maximum rms voltage (sinewave) as a function of frequency ac voltage (v) 10 2 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 tamb 85 c, 63 vdc 470 nf 1000 nf 220 nf ac voltage (v) 10 2 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 85 c < tamb 105 c, 63 vdc 470 nf 220 nf 1000 nf ac voltage (v) 10 2 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 tamb 85 c, 100 vdc 3300 nf 6800 nf 1000 nf 100 nf 470 nf 56 nf ac voltage (v) 10 2 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 85 c < tamb 105 c, 100 vdc 3300 nf 6800 nf 1000 nf 100 nf 470 nf 56 nf tamb 85 c, 250 vdc ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 10 2 100 nf 27 nf 470 nf 2200 nf 1000 nf 85 c < tamb 105 c, 250 vdc ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 10 2 100 nf 27 nf 470 nf 1000 nf 2200 nf
document number: 28132 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 21-nov-05 9 mkt 368 metallized polyester film capacitors mkt radial epoxy lacquered type vishay bccomponents tamb 85 c, 400 vdc ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 10 2 100 nf 10 nf 470 nf 1000 nf 1.0 nf 85 c < tamb 105 c, 400 vdc ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 10 2 100 nf 10 nf 470 nf 1000 nf 1.0 nf tamb 85 c, 630 vdc ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 10 2 10 nf 470 nf 47 nf 85 c < tamb 105 c, 630 vdc ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 10 2 10 nf 470 nf 47 nf
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 222236865334

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X